PART |
Description |
Maker |
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
SMBJ60 SMBJ36A SMBJ18 SMBJ12 SMBJ6.5 SMBJ6.0 SMBJ4 |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
http:// Vishay Siliconix
|
L2TVS28A L2TVS26A L2TVS22A L2TVS150A L2TVS78A L2TV |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
|
GOOD-ARK Electronics
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
SM15T68A SM15T10A-E3_57T SM15T10A-E3_9AT SM15T10AH |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
SMP11A-M3-84A SMP11A-M3-85A SMP26A SMP28A SMP24A S |
Surface Mount TRANSZORB Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-220AA HALOGEN FREE AND ROHS COMPLIANT, PLASTIC PACKAGE-2 Surface Mount TRANSZORB Transient Voltage Suppressors
|
Vishay Siliconix http:// Vishay Beyschlag
|
SMA5J30 SMA5J30A SMA5J33 SMA5J33A SMA5J36 SMA5J36A |
High Power Density Surface Mount TRANSZORB? Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB庐 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
SMDJ7.0 SMDJ7.0A SMDJ7.5 SMDJ7.5A SMDJ40 SMDJ400A |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
SMAJ18 SMAJ140 SMAJ19A SMAJ140A SMAJ80A SMAJ200A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
SMAFJ300A SMAFJ300CA SMAFJ5.0 SMAFJ5.0A SMAFJ5.0C |
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
|
SUNMATE electronic Co.,...
|
1SMB15CAT3G 1SMB15CAT3 |
PT 1.5/15-3.5-V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V, 600 W PEAK POWER PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V/ 600 W PEAK POWER
|
ONSEMI[ON Semiconductor]
|
|